PART |
Description |
Maker |
CZB1EGTTP400P CZB2AGTTD151P CZB2AGTTD152P CZB1JSTT |
multilayer ferrite bead
|
KOA Speer Electronics, Inc. http://
|
BF-LC100505-100 BF-LC201209 BF-LC201209-110 BF-LC2 |
Multilayer Ferrite Chip Bead
|
Caliber Electronics Inc. ETC List of Unclassifed Manufacturers
|
CZP2BPTTD500P CZP2BPTTE500P CZP1JPTTD500P CZP2APTT |
multilayer power ferrite bead
|
KOA Speer Electronics, Inc.
|
28L0138-40R-10 |
FERRITE BEAD AXIAL LEAD 135 OHMS 1 FUNCTIONS, 5 A, FERRITE BEAD
|
Laird Technologies, Inc.
|
FB43-226-RC FB43-110-RC FB43-422-RC FB73-422-RC FB |
Ferrite Bead Inductor; Ferrite Grade:43; Cable Diameter Max:0.06"; Features:Excellent EMI suppression capability at high frequency; Frequency Max:200MHz; Frequency Min:40MHz; Leaded Process Compatible:Yes; Series:FC FB 1 FUNCTIONS, FERRITE BEAD
|
Bourns Electronic Solutions Bourns, Inc.
|
4211-12 4211-13 4211-18 4211-2 4211-21 4211-23 421 |
Axial Leaded Filter Bead 1 FUNCTIONS, FERRITE BEAD
|
API Delevan
|
BD3/1/4-4S2 BD5.1/0.8/4-3S1 BD8/3/4-4S2 BD8/3/10-4 |
Suppression Bead 1 FUNCTIONS, FERRITE BEAD
|
Yageo, Corp. YAGEO CORP
|
ACML-0402HC-050 |
Multilayer Ferrite Chip Bead (High Current)
|
Abracon Corporation
|
BOURNSINC-PM40-390K PM40-1R8K PM40-120K PM40-271K |
Ferrite Bead Inductor; Series:PM40; Inductance:1.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:390mA Ferrite Bead Inductor; Series:PM40; Inductance:12uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:18MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:225mA Ferrite Bead Inductor; Series:PM40; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:92mA Ferrite Bead Inductor; Series:PM40; Inductance:120uH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:6MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:110mA Ferrite Bead Inductor; Series:PM40; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:70MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:410mA Ferrite Bead Inductor; Series:PM40; Inductance:680nH; Inductance Tolerance: /- 20 %; Q Factor:30; Self Resonant Frequency:160MHz; Terminal Type:PCB Surface Mount; Current Rating:450mA; Leaded Process Compatible:No 1 ELEMENT, 0.27 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
BLM15AG700SH1D |
Chip Ferrite Bead
|
Murata Manufacturing Co...
|
HCB1608K-121T20 HCB3216K-121T20 HCB1608K-151T20 HC |
Ferrite Chip Bead
|
GANGES TECHNOLOGY
|